|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LNG301MPU - Directly Joint Type - Panasonic Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LNG302GPU | Direct Joint Type | 1 | Panasonic Semiconductor |
| 2SK58 | Silicon N-Channel Junction Type Dual FET DC-to-VHF Use Low Noise | 1 | Sony Corporation |
| SLR-322 | Reflecting small LEDs directly mountable 3.1 mm * 2 mm | 1 2 3 4 5 More | Rohm |
| XP06435 | Silicon PNP epitaxial planar type For high-frequency amplification | 1 2 3 | Panasonic Semiconductor |
| 2SC3020 | NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR | 1 2 3 | Mitsubishi Electric Semiconductor |
| SIS43 | Small Size Low Profile SMD type | 1 | List of Unclassifed Manufacturers |
| 2SC3908 | NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR | 1 2 3 4 | Mitsubishi Electric Semiconductor |
| MA132A | Silicon epitaxial planar type | 1 2 3 4 | Panasonic Semiconductor |
| BCR10CS | MEDIUM POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE | 1 2 3 4 5 | Mitsubishi Electric Semiconductor |
| AC05DSMA | 5 A RESIN INSULATION TYPE TRIAC | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 |
Link URL |
|
|