|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PT2821C - 1.3mm Axial Flat Top Phototransistor - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PT28-21B | 1.3mm Axial Flat Top Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| MTD1350 | Infrared Flat Top Photo Diode | 1 2 | Marktech Corporate |
| MTE9094N2 | 5mm Flat Top IR Emitter | 1 2 | Marktech Corporate |
| PD15-21C | high speed and high sensitve PIN photodiode in miniature SMD which is molder in a water clear with flat top view lens. | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| HLMP-M200 | 4mm FLAT TOP LAMPS | 1 2 3 4 | QT Optoelectronics |
| HLMP-M200 | 4 mm FLAT TOP LAMPS | 1 2 3 4 | Fairchild Semiconductor |
| PT67-21C | Top Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| MT511-UR | 5mm Flat Top Ultra Bright Emitter | 1 2 | Marktech Corporate |
| RPT-37PB3F | Phototransistor top view type | 1 2 | Rohm |
| MGB37D | 3mm FLAT TOP LED LAMPS | 1 2 | Micro Electronics |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|