Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117B Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ1117B Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ1117B
Download  AZ1117B Download

File Size   175.59 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 600mA LOW DROPOUT LINEAR REGULATOR

AZ1117B Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ1117B Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ1117B
Download  AZ1117B Click to download

File Size   175.59 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 600mA LOW DROPOUT LINEAR REGULATOR

AZ1117B Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AZ1117B Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117B Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AZ1117B Product details

General Description

The AZ1117B is a low dropout three-terminal regulator with a dropout of 1.2V at 800mA output current. The AZ1117B has been optimized for low voltage where transient response and minimum input voltage are critical. It provides current limit and thermal shutdown. Its circuit includes a trimmed bandgap reference to assure output voltage accuracy to be within ±1%. On-chip thermal shutdown provides protection against a combination of high current and ambient temperature that would create excessivejunction temperature.



Features

Low Dropout Voltage: 1.2V  at 800mA Output Current

Output Noise from 10Hz to 10KHz: 0.003%

PSRR at IOUT=300mA and f=120Hz: 70dB

Output Voltage Accuracy: ±1%

On-chip Thermal Shutdown

Maximum Quiescent Current: IQMAX=6mA

Operation Junction Temperature: -20 to 105°C



Applications

USB Device

Add-on Card

DVD Player

PC Motherboard



 




Similar Part No. - AZ1117B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
AZ1117BD-1.2E1 BCDSEMI-AZ1117BD-1.2E1 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
AZ1117BD-1.2TRE1 BCDSEMI-AZ1117BD-1.2TRE1 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
AZ1117BD-1.5E1 BCDSEMI-AZ1117BD-1.5E1 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
AZ1117BD-1.5TRE1 BCDSEMI-AZ1117BD-1.5TRE1 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Similar Description - AZ1117B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com