|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
REF05SM - 5V Precision VOLTAGE REFERENCE (Guaranteed Long-Term Stability) - Burr-Brown Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| REF-02 | +5V Precision Voltage Reference/Temperature Trangsducer | 1 2 3 4 5 More | Analog Devices |
| AMSREF-02 | +5V PRECISION VOLTAGE REFERENCE | 1 2 3 4 5 More | Advanced Monolithic Systems |
| MAX6220 | Low-Noise Precision +2.5V/+4.096V/+5V Voltage Reference | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX675 | +5V Precision Voltage Reference | 1 2 3 4 | Maxim Integrated Products |
| REF02 | +5V Precision VOLTAGE REFERENCE | 1 2 3 4 5 More | Burr-Brown Corporation |
| REF102 | Precision VOLTAGE REFERENCE | 1 2 3 4 5 More | Burr-Brown Corporation |
| ZRA125 | PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 5 | Zetex Semiconductors |
| ZR423 | PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| LM4041C | PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Texas Instruments |
| X60008A-50 | 1ppm/C 5.0V Precision Low-Power FGA Voltage Reference | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|