|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AKD4385 - 108dB 192kHz 24-Bit 2ch ΔΣ DAC - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AK4381 | 108DB 192KHZ 24-BIT 2CH DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4384 | 106dB 192kHz 24-Bit 2ch DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4382A | 112dB 192kHz 24-Bit 2ch DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4396 | Advanced Multi-Bit 192kHz 24-Bit ÎΣ DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4383 | 192kHz 24-Bit 2ch DAC with DSD input | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| CS43122 | 122dB 24-Bit 192kHz DAC for Digital Audio | 1 2 3 4 5 More | Cirrus Logic |
| WM8706 | 24-bit 192kHz Stereo DAC with Volume Control | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8716 | High Performance 24-bit 192kHz Stereo DAC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8728 | 24-bit 192kHz Stereo DAC with Volume Control and DSD Support | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| AV2636 | 24-bit 192kHz Stereo Audio DAC | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|