|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LN422YPH - 2.0 mm Series - Panasonic Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LN222RPX | 2.0 mm Series | 1 | Panasonic Semiconductor |
| LN242RPH | 5.0 mm X 2.0 mm Series | 1 | Panasonic Semiconductor |
| LN242RPX | 5.0 mm X 2.0 mm Series | 1 | Panasonic Semiconductor |
| LN248WAL | 5.0 mm à 2.0 mm Series | 1 | Panasonic Semiconductor |
| RB201 | 2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS | 1 2 | Leshan Radio Company |
| LN342GP | 5.0 mm ´ 2.0 mm Series | 1 2 | Panasonic Semiconductor |
| UVP-2057A | 2.0 inch 50.80mm 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES | 1 2 3 4 5 | Unity Opto Technology |
| MTD2N50E | TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS on = 3.6 OHM | 1 2 3 4 5 More | Motorola, Inc |
| SB220 | 2 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes | 1 2 | Pan Jit International Inc. |
| UVP-2X44 | 2.0 inch 50.80mm 4X4 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
Datasheet Page |
1 |
Link URL |
|
|