![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
GN8061 - GaAs IC - Panasonic Semiconductor |
|
Click Here View GN8061 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MGF1302 | LOW NOISE GaAs FET | Mitsubishi Electric Semiconductor |
| MGF7169C | UHF BAND GaAs POWER AMPLIFIER | Mitsubishi Electric Semiconductor |
| MGFC39V5258 | 5.2 - 5.8GHz BAND 8W INTERNALLY MATCHED GaAs FET | Mitsubishi Electric Semiconductor |
| MGFC40V7785B | 7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET | Mitsubishi Electric Semiconductor |
| MGFC44V6472 | 6.4-7.2GHz BAND 24W INTERNALLY MATCHED GaAs FET | Mitsubishi Electric Semiconductor |
| MGFK38V2228 | 12.2-12.8GHz BAND 6W INTERNALLY MATCHED GaAs FET | Mitsubishi Electric Semiconductor |
| MRFIC1804 | 1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT | Motorola, Inc |
| NE6500496 | 4 W L S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET | NEC |
| NES1823P-100 | 100W L-BAND PUSH-PULL POWER GaAs MESFET | NEC |
Link URL |
|
|
Related keyword |
| GN8061 Datasheet | GN8061 Cross Reference | GN8061 Schematic | GN8061 Distributor | GN8061 Datenblatt | GN8061 RoHS |
| GN8061 Equivalent | GN8061 Application Notes | GN8061 Data Sheet | GN8061 component | GN8061 Fiche Technique | GN8061 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |