|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LO568MRG2-80Q-A - 5mm Oval Red/Green Bi−color LED - Marktech Corporate |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LO568PRB2-80Q-A3 | 5mm Oval Red/Blue Bi−color LED | 1 2 | Marktech Corporate |
| LO568NGB2-80Q-A | 5mm Oval Green/Blue Bi−color LED | 1 2 | Marktech Corporate |
| LO568NGY2-80Q-A | 5mm Oval Green/Yellow Bi−color LED | 1 2 | Marktech Corporate |
| LO568NRB2-80Q-A | 5mm Oval Blue/Red Bi−color LED | 1 2 | Marktech Corporate |
| LO568PGB1-80Q-A | 5mm Oval Green/Blue Bi−color LED | 1 2 | Marktech Corporate |
| MT6224-OGD51 | 5mm Green/Amber Bi−Color LED | 1 2 | Marktech Corporate |
| LO568RGY2-80Q-A | 5mm Oval Green/Amber LED | 1 2 | Marktech Corporate |
| MGB2310TK-X | 5MM OVAL TYPE HIGH BRIGHTNESS YELLOW GREEN LED LAMP | 1 | Micro Electronics |
| MSB2310TK-5B | 5MM OVAL TYPE HIGH BRIGHTNESS RED LED LAMP | 1 | Micro Electronics |
| LC503MYL1-06Q | Yellow 6 5mm LED lamp with water transparent lens | 1 2 3 | Marktech Corporate |
Datasheet Page |
1 2 |
Link URL |
|
|