|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDB8876 - N-Channel PowerTrench® MOSFET 30V, 71A, 8.5mOhm - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDB8860 | N-Channel Logic Level PowerTrench® MOSFET 30V 80A 2.6mOhm | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB8878 | N-Channel Logic Level PowerTrench® MOSFET 30V 48A 14mOhm | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD8780 | N-Channel PowerTrench® MOSFET 25V 35A 8.5mOhm | 1 2 3 4 5 More | Fairchild Semiconductor |
| STP200NF03 | N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STS11NF30L | N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FDR6674A | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS7066N3 | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| ISL9N2357D3ST | 30V 0.007 Ohm 35A N-Channel UltraFET Trench Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| RF1K49156 | 6.3A 30V 0.030 Ohm Logic Level Single N-Channel LittleFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|