![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : FDS8447(1) FDS8449(1) |
|
Click Here View FDS8449 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDS4072N7 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4080N3 | 40V N-Channel FLMP PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4080N7 | 40V N-Channel FLMP PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8451 | N-Channel PowerTrench MOSFET 40V 28A 24mOHM | Fairchild Semiconductor |
| FDS4470 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDP8441 | N-Channel PowerTrench MOSFET 40V 80A 2.7mohm | Fairchild Semiconductor |
| FDS4480 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4672A | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4770 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4780 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| Related keyword |
| FDS8449 Datasheet | FDS8449 Cross Reference | FDS8449 Schematic | FDS8449 Distributor | FDS8449 Datenblatt | FDS8449 RoHS |
| FDS8449 Equivalent | FDS8449 Application Notes | FDS8449 Data Sheet | FDS8449 component | FDS8449 Fiche Technique | FDS8449 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |