|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
587B201 - 120V AC POWER LINE SURGE SUPPRESSOR - Protek Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 587B062 | 240V AC POWER LINE SURGE SUPPRESSOR | 1 2 3 | Protek Devices |
| 587B062LP | LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR | 1 2 3 | Protek Devices |
| 587B062LPE | LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR | 1 2 3 | Protek Devices |
| 5Z27 | SILICON DIFFUSED JUNCTION POWER SURGE SUPPRESSOR | 1 2 | Toshiba Semiconductor |
| RV120-30 | 120V RV SURGE SUPPRESSOR | 1 | Protek Devices |
| HRP2540 | Power Rectifier/Power Surge Suppressor | 1 2 3 | Intersil Corporation |
| RFP2N12 | 2A 120V and 150V 1.750 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 | Intersil Corporation |
| P4KE | GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATT STEADY STATE | 1 2 3 4 5 | Rectron Semiconductor |
| ST7538 | POWER LINE FSK TRANSCEIVER | 1 2 3 4 5 More | STMicroelectronics |
| AD8323 | 5 V CATV Line Driver Fine Step Output Power Control | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 |
Link URL |
|
|