|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
15KP - POWER TVS COMPONENT - Protek Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 15KPA | POWER TVS COMPONENT | 1 2 3 4 5 | Protek Devices |
| PAC-95 | AC POWER LINE TVS COMPONENT | 1 2 3 4 | Protek Devices |
| 30KPA30A | POWER TVS COMPONENT | 1 2 3 4 | Protek Devices |
| PLW28 | LOW CAPACITANCE TVS COMPONENT | 1 2 3 | Protek Devices |
| SDC15 | TVS Diode Array for ESD Protection of 12V Data & Power Lines | 1 2 3 4 5 More | Semtech Corporation |
| ENMOD | ENMods Component Power Front End System for EN Compliance | 1 2 3 4 5 More | Vicor Corporation |
| PLW0501H | STANDARD CAPACITANCE TVS COMPONENT | 1 2 3 | Protek Devices |
| MAX8728 | Low-Cost Multiple-Output Power Supply for LCD Monitors/TVs | 1 2 3 4 5 More | Maxim Integrated Products |
| V23875-T3261-C110 | High Power Triport-BIDI Optical Triplexer Component 1310 nm Tx / 1490 nm Digital Rx with 622 Mbit/s 3.3 V TIA /1555 nm Analog Video Rx | 1 2 3 4 5 More | Infineon Technologies AG |
| MMBZ15VDL | 40W PEAK POWER DUAL SURFACE MOUNT TVS | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|