|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AN7118S - Low Voltage Dual 35mW Audio Power Amplifier Circuits BTL 300mW - Panasonic Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AN7171NK | Dual BTL 14W Audio Power Amplifier Circuits | 1 2 3 4 | Panasonic Semiconductor |
| KIA6221AH | BIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | KEC(Korea Electronics) |
| LM389 | LM389 Low Voltage Audio Power Amplifier with NPN Transistor Array | 1 2 3 4 5 More | National Semiconductor |
| YD386 | LOW VOLTAGE AUDIO POWER AMPLIFIER | 1 2 3 | Wuxi Youda electronics Co.,LTD |
| NTE7102 | Integrated Circuit Dual Audio Power Amplifier 5.5W/Ch 20W BTL | 1 2 3 | NTE Electronics |
| UTC386 | LOW VOLTAGE AUDIO POWER AMPLIFIER | 1 2 | List of Unclassifed Manufacturers |
| TDA2822H | DUAL LOW VOLTAGE POWER AMPLIFIER | 1 2 3 | Unisonic Technologies |
| TS4902 | 300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW | 1 2 3 4 5 More | STMicroelectronics |
| NJM2147 | DUAL HIGH VOLTAGE AND LOW POWER OPERATIONAL AMPLIFIER IC | 1 2 3 4 5 | New Japan Radio |
| NTE1830 | Integrated Circuit Dual Audio Power Amplifier 5.8W 19W BTL | 1 2 3 | NTE Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|