Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4283-02 Datasheet (PDF) - Peregrine Semiconductor Corp.

4283-02 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4283-02
Download  4283-02 Download

File Size   230.91 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch

4283-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
4283-02 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4283-02
Download  4283-02 Click to download

File Size   230.91 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch

4283-02 Datasheet (HTML) - Peregrine Semiconductor Corp.

Back Button 4283-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4283-02 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button 



Similar Part No. - 4283-02

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4283 POMONA-4283 Datasheet
18Kb / 1P
   Adapter, SMA, Male to Male
logo
Heyco.
4283 HEYCO-4283 Datasheet
93Kb / 1P
   Nylon Kayak Clips
logo
Turck, Inc.
4283290 TURCK-4283290 Datasheet
310Kb / 3P
   Inductive Sensor
11/07/2023
4283292 TURCK-4283292 Datasheet
303Kb / 3P
   Inductive Sensor
11/07/2023
4283295 TURCK-4283295 Datasheet
311Kb / 3P
   Inductive Sensor – With WeldGuard™ Coating
11/07/2023
More results


Similar Description - 4283-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
   SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com