|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZAMP002 - 800-2500MHz MMIC WIDEBAND AMPLIFIER - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZAMP001 | 800-2500MHz MMIC WIDEBAND AMPLIFIER LNA 18dB Gain Low Current | 1 2 3 4 5 More | Zetex Semiconductors |
| ZAMP003 | 800-2500MHz MMIC WIDEBAND AMPLIFIER | 1 2 3 4 5 More | Zetex Semiconductors |
| UPC3210TB | 5 V SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER | 1 2 3 4 5 More | NEC |
| BGA2709 | MMIC wideband amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| HMC587LC4B | WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 5 - 10 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| BGA2748 | MMIC wideband amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| BGA2776 | MMIC wideband amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| HMC588LC4B | WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 8.0 - 12.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| UPC3215TB | 5 V SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER | 1 2 3 4 5 More | NEC |
| RMLA3565-58 | Wideband Low Noise MMIC Amplifier | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|