Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4210 Datasheet (PDF) - Peregrine Semiconductor Corp.

4210 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4210
Download  4210 Download

File Size   245.29 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 3000 MHz

4210 Datasheet (PDF)

Go To PDF Page Download Datasheet
4210 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4210
Download  4210 Click to download

File Size   245.29 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 3000 MHz

4210 Datasheet (HTML) - Peregrine Semiconductor Corp.

4210 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4210 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4210 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4210 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4210 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4210 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4210 Datasheet HTML 7Page - Peregrine Semiconductor Corp.

4210 Product details

Product Description
The PE4210 UltraCMOS™ RF Switch is designed to cover a broad range of applications from near DC to 3000 MHz. This single-supply switch integrates on-board CMOS control logic driven by a simple, single-pin CMOS or TTL compatible control input. Using a nominal +3-volt power supply, a typical input 1 dB compression point of +14 dBm can be achieved. The PE4210 also exhibits input-output isolation of better than 35 dB at 1000 MHz and is offered in a small 8-lead MSOP package.
The PE4210 UltraCMOS™ RF Switch is manufactured in Peregrine’s patented Ultra Thin Silicon (UTSi®) CMOS process, offering the performance of GaAs with the economy and integration of conventional CMOS.

Features
• Single 3-volt power supply
• Low Insertion loss: 0.30 dB at 1000 MHz, 0.45 dB at 2000 MHz
• High isolation of 35 dB at 1000 MHz, 25 dB at 2000 MHz
• Typical input 1 dB compression point of +14.5 dBm
• Single-pin CMOS or TTL logic control
• Packaged in a small 8-lead MSOP




Similar Part No. - 4210

ManufacturerPart #DatasheetDescription
logo
Heyco.
4210 HEYCO-4210 Datasheet
109Kb / 1P
   Nylon Wire Harness Clamps
logo
TEKTRONIX, INC.
4210-CVU TEKTRONIX-4210-CVU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
logo
Heyco.
4210-P HEYCO-4210-P Datasheet
109Kb / 1P
   Nylon Wire Harness Clamps
logo
TEKTRONIX, INC.
4210-SMU TEKTRONIX-4210-SMU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
logo
Anaren Microwave
42100 ANAREN-42100 Datasheet
682Kb / 3P
   Power Dividers
More results


Similar Description - 4210

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com