|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
US6K1 - 2.5V Drive NchNch MOS FET - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| QS5K2 | 2.5V Drive Nch+Nch MOS FET | 1 2 3 | Rohm |
| RTQ020N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RTE002P02 | 2.5V Drive Pch MOS FET | 1 2 3 | Rohm |
| US6K2 | 4V Drive Nch+Nch MOS FET | 1 2 3 | Rohm |
| RTR025N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RJU003N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| US5U1 | 2.5V Drive Nch+SBD MOS FET | 1 2 3 | Rohm |
| RTR020N05 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RTF015N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RTM002P02 | 2.5V Drive Pch MOS FET | 1 2 3 | Rohm |
Datasheet Page |
1 2 3 |
Link URL |
|
|