Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 
Shortcut : ETC10DRYF(1)  ETC10DRYH(1)  ETC10DRYI(1)  ETC10DRYN(1)  ETC10DRYS(1)  

ETC10DRYS - .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT - ETC

Click Here View ETC10DRYS Datasheet

Part No.ETC10DRYS
Description .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
Download ETC10DRYS Click here to View
File Size 177.68 Kbytes / 2 Pages
Maker ETC [ETC]
Homepage

Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
SS-73100-052HIGH PERFORMANCE SHIELDED STACK JACK PEAR TAILS ON PORT CENTERS EIGHT CONTACT EIGHT POSITION 50 MICRO INCHES GOLD 8 PORTS 4 ON 4 Bel Fuse Inc.
SS-73100-051HIGH PERFORMANCE SHIELDED STACK JACK PEAR TAILS ON PORT CENTERS EIGHT CONTACT EIGHT POSITION 50 MICRO INCHES GOLD 12 PORTS 6 ON 6 Bel Fuse Inc.
SS-738844S-PG4-AEEIGHT CONTACT EIGHT POSITION SHIELDED STACKED HARMONICA JACK 8 PORTS 4 ON 4 Bel Fuse Inc.
SS-73100-050HIGH PERFORMANCE SHIELDED STACK JACK 12 PORTS 6 ON 6 EIGHT CONTACT EIGHT POSITION 50 MICRO INCHES GOLD Bel Fuse Inc.
SS-73100-031CATEGORY 3 SHIELDED STACK JACK EIGHT CONTACT EIGHT POSITION 50 MICRO INCHES GOLD 16PORTS 8 ON 8 Bel Fuse Inc.
SS-73100-002EIGHT CONTACT EIGHT POSITION SHIELDED STACK JACK ENHANCED SHIELD 8 PORT 4 ON 4 Bel Fuse Inc.
SLP-3130C-81İŞ5mm yelloe-green contact type LED lamp Sanyo Semicon Device
DF22-1S-7.92C7.92 mm Contact Pitch High-Current Connectors for Internal Power Supplies UL C-UL and TUV Listed Hirose Electric
G53AD-DC110Miniature Type Heavy contact load up to 4000VA ETC
20689PIN SPLIT CONTACT UNIVERSAL MATE-N-LOK Vicor Corporation

Link URL :
Related keyword
  ETC10DRYS Datasheet   ETC10DRYS Cross Reference   ETC10DRYS Schematic   ETC10DRYS Distributor   ETC10DRYS Datenblatt   ETC10DRYS RoHS
  ETC10DRYS Equivalent   ETC10DRYS Application Notes   ETC10DRYS Data Sheet   ETC10DRYS component   ETC10DRYS Fiche Technique   ETC10DRYS Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer