Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MAX388-(1)    MAX3880(2)    MAX3881(2)    MAX3882(2)    MAX3885(2)    MAX3886(2)    MAX388C(4)    MAX388E(3)    MAX388M(1)

Featured Products and Offers


Datasheet

    MAX3881 - 3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery - Maxim Integrated Products

Page

 
Part No. MAX3881
Description  +3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Download  MAX3881 Click to view
File Size   193.09 Kbytes / 11 Pages
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX3880+3.3V 2.488Gbps SDH/SONET 1:16 Deserializer with Clock Recovery 1 2 3 4 5 MoreMaxim Integrated Products
MAX3885+3.3V 2.488Gbps SDH/SONET 1:16 Deserializer with LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
VSC81622.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery 1 2 3 4 5 MoreVitesse Semiconductor Corporation
VSC818411.5-12.5Gb/s 1:16 Demultiplexer with Clock Recovery 1 2 Vitesse Semiconductor Corporation
VSC81662.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery 1 2 3 4 5 MoreVitesse Semiconductor Corporation
DS92LV121216-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery 1 2 3 4 5 MoreNational Semiconductor
DS92LV1212A16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery 1 2 3 4 5 MoreNational Semiconductor
MAX3950+3.3V 10.7Gbps 1:16 Deserializer with LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX399110Gbps Clock and Data Recovery with Limiting Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX3831+3.3V 2.5Gbps SDH/SONET 4-Channel Interconnect Mux/Demux ICs with Clock Generator 1 2 3 4 5 MoreMaxim Integrated Products

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11


Link URL

Related keyword

  MAX3881 Datasheet   MAX3881 Cross Reference   MAX3881 Schematic   MAX3881 Distributor   MAX3881 Datenblatt   MAX3881 RoHS
  MAX3881 Equivalent   MAX3881 Application Notes   MAX3881 Data Sheet   MAX3881 component   MAX3881 Fiche Technique   MAX3881 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl