|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PAW1027 - 35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MHW5185B | High Ouput Doubler 450/550 MHz CATV Amplifier Modules | 1 2 3 4 | Motorola, Inc |
| MHW6142 | 550 MHz CATV Amplifier | 1 2 | Motorola, Inc |
| PA2001 | Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz | 1 | Tyco Electronics |
| MHW6182 | 550 MHz CATV Amplifier | 1 2 | Motorola, Inc |
| PA2003 | Ultra Linear Driver Amplifier 1800 to 2000 MHz | 1 2 | Tyco Electronics |
| MHW6222 | 550 MHz CATV Amplifier | 1 2 | Motorola, Inc |
| MAAP-007649-000100 | Ultra Linear 2W Power Amplifier 800 to 1000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| CA2810C | 34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER | 1 2 3 4 | Motorola, Inc |
| MHW7185C | High Ouput Power Doubler 750 MHz CATV Amplifier | 1 2 | Motorola, Inc |
Datasheet Page |
1 |
Link URL |
|
|