|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NCV7382 - Enhanced LIN Transceiver - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP483E | Enhanced Low EMI Half-Duplex RS-485 Transceiver | 1 2 3 4 5 More | Sipex Corporation |
| MC33990 | Enhanced Class B Serial Transceiver | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| L9638 | LIN BUS TRANSCEIVER | 1 2 3 4 5 More | STMicroelectronics |
| PEB35512 | Global Enhanced Multiport Integrated ADSL Transceiver | 1 2 | Infineon Technologies AG |
| TH8080 | Single LIN Bus Transceiver | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| TLE7259G | LIN Transceiver | 1 2 3 4 5 More | Infineon Technologies AG |
| ICL3238E | +-15kV ESD Protected +3V to +5.5V 10nA 250kbps RS-232 Transceiver with Enhanced Automatic Powerdown | 1 2 3 4 5 More | Intersil Corporation |
| ZMD30011 | LIN Transceiver | 1 2 3 4 5 More | Zentrum Mikroelektronik Dresden AG |
| MC68160 | ENHANCED ETHERNET INTERFACE TRANSCEIVER | 1 2 3 4 5 More | Motorola, Inc |
| MC33661 | LIN Enhanced Physical Interface | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|