|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SF1102A-1 - 230 MHz SAW Filter - RF Monolithics, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF1102B | 230 MHz SAW Filter | 1 2 3 | RF Monolithics, Inc |
| FAR-G5CN | SAW Dual Filter 700 to 2000 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| RF1210B | 303.825 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| RF1172D | 433.92 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| RF1353D | 345.00 MHz SAW Filter | 1 2 3 4 5 | RF Monolithics, Inc |
| SF1062A | 211.0 MHz SAW Filter | 1 2 3 4 5 More | RF Monolithics, Inc |
| SF1097A | 71 MHz SAW Filter | 1 2 3 4 5 | RF Monolithics, Inc |
| SF1177A | 57.6 MHz SAW Filter | 1 2 3 4 | RF Monolithics, Inc |
| TA0192A | SAW FILTER 426.1 MHz SMD 5.0 SQ | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| 855916 | 2441.8 MHz SAW Filter | 1 2 3 4 5 | TriQuint Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|