|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RO2116 - 303.325 MHz SAW Resonator - RF Monolithics, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RO2116A | 303.325 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2102 | 423.22 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2122A | 293.125 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2164D | 868.35 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RP1308 | 433.92 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2102A | 423.22 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2073A-5 | 315.05 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2102A-1 | 423.22 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2123A | 307.3 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2164E | 868.35 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|