|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RO2044 - 318.00 M SAW Resonator - RF Monolithics, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GWR433A | True one-Port Surface-acoustic-wave SAW Resonator in a Low-Profile | 1 2 | List of Unclassifed Manufacturers |
| RO2053A-1 | 310.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2101E-2 | 433.92 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2119A | 317.5 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2156A | 868.95 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RP1207-7 | 434.02 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2113 | 314.5 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2071-2 | 980.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2102 | 423.22 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2120A | 403.55 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|