|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UP159A - 159 Pin Molded Plastic Pin Grid Array NS Package Number UP159A - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| U99A | 99 Pin Ceramic Pin Grid Array NS Package Number U99A | 1 | National Semiconductor |
| V68A | 68 Lead Molded Plastic Leaded Chip Carrier NS Package Number V68A | 1 | National Semiconductor |
| FPT-64P-M09 | LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC | 1 | Fujitsu Component Limited. |
| MKT-UA302A | PIN GRID ARRAY CERAMIC 302 PIN CAVITY DOWN .200 LG PIN | 1 | National Semiconductor |
| U84C | 84 Pin Ceramic Pin Grid Array | 1 | National Semiconductor |
| PH302C | PLASTIC MOLDED PIN PHOTO DIODE | 1 2 3 4 | NEC |
| Z03B | 3 Lead Molded TO-92 NS Package Number Z03B | 1 | National Semiconductor |
| MTC16 | 16 Lead Molded Thin Shrink Small Outline Package JEDEC NS Package Number MTC16 | 1 | National Semiconductor |
| TA02A | 2 Lead Molded TO - 220 NS Package Number TA02A | 1 | National Semiconductor |
| 510-93-108-12-051-001 | Pin grid array sockets Solder tail | 1 | Precid-Dip Durtal SA |
Datasheet Page |
1 |
Link URL |
|
|