Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC02 Datasheet (PDF) - Integral Corp.

IN74AC02 Datasheet PDF - Integral Corp.
Part # IN74AC02
Download  IN74AC02 Download

File Size   110.54 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS

IN74AC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC02 Datasheet PDF - Integral Corp.

Part # IN74AC02
Download  IN74AC02 Click to download

File Size   110.54 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS

IN74AC02 Datasheet (HTML) - Integral Corp.

IN74AC02 Datasheet HTML 1Page - Integral Corp. IN74AC02 Datasheet HTML 2Page - Integral Corp. IN74AC02 Datasheet HTML 3Page - Integral Corp. IN74AC02 Datasheet HTML 4Page - Integral Corp.

IN74AC02 Product details

Quad 2-Input NOR Gate
High-Speed Silicon-Gate CMOS

The IN74AC02 is identical in pinout to the LS/ALS02, HC/HCT02. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC02

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
IN74AC04D INTEGRAL-IN74AC04D Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
IN74AC04N INTEGRAL-IN74AC04N Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
IN74AC08 INTEGRAL-IN74AC08 Datasheet
102Kb / 4P
   Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC02

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT02 KODENSHI-KK74ACT02 Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74HCT02AD INTEGRAL-IN74HCT02AD Datasheet
73Kb / 4P
   Quad 2-Input NOR Gate (High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC02A MOTOROLA-MC54HC02A Datasheet
98Kb / 7P
   QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK74HCT02A KODENSHI-KK74HCT02A Datasheet
199Kb / 5P
   Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT02 SLS-SL74HCT02 Datasheet
33Kb / 4P
   Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com