Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2001 Datasheet (PDF) - Vishay Siliconix

DG2001 Datasheet PDF - Vishay Siliconix
Part # DG2001
Download  DG2001 Download

File Size   63.9 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH

DG2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2001 Datasheet PDF - Vishay Siliconix

Part # DG2001
Download  DG2001 Click to download

File Size   63.9 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH

DG2001 Datasheet (HTML) - Vishay Siliconix

DG2001 Datasheet HTML 1Page - Vishay Siliconix DG2001 Datasheet HTML 2Page - Vishay Siliconix DG2001 Datasheet HTML 3Page - Vishay Siliconix DG2001 Datasheet HTML 4Page - Vishay Siliconix DG2001 Datasheet HTML 5Page - Vishay Siliconix DG2001 Datasheet HTML 6Page - Vishay Siliconix DG2001 Datasheet HTML 7Page - Vishay Siliconix DG2001 Datasheet HTML 8Page - Vishay Siliconix

DG2001 Product details

DESCRIPTION
The DG2001 is a single-pole/double-throw monolithic CMOS analog switch designed for high performance switching of analog signals. Combining low power, high speed, low on-resistance and small physical size, the DG2001 is ideal for portable and battery powered applications requiring high performance and efficient use of board space.

FEATURES
• Halogen-free according to IEC 61249-2-21 Definition
• Low Voltage Operation (1.8 V to 5.5 V)
• Low On-Resistance - RON: 3 
• Fast Switching - tON: 20 ns, tOFF: 10 ns
• Low Leakage - ICOM: 0.2 nA
• Low Charge Injection - QINJ: 5 pC
• Low Power Consumption
• TTL/CMOS Compatible
• ESD Protection > 2000 V (Method 3015.7)
• TSOP-6 Package
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Reduced Power Consumption
• Simple Logic Interface
• High Accuracy
• Reduce Board Space

APPLICATIONS
• Cellular Phones
• Communication Systems
• Portable Test Equipment
• Battery Operated Systems
• Sample and Hold Circuits




Similar Part No. - DG2001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2001 VISHAY-DG2001 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG2001DV-T1 VISHAY-DG2001DV-T1 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG2001DV-T1-E3 VISHAY-DG2001DV-T1-E3 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG2001E VISHAY-DG2001E Datasheet
216Kb / 12P
   Powered-off Protection, 0.85 ?? 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
More results


Similar Description - DG2001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 07-Apr-03
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9431 VISHAY-DG9431 Datasheet
72Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com