|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
STM-3116 - 2100 - 2500 MHz High Linearity Active Transmit Mixer - ETC |
|
Click STM-3116 to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ATR0787 | High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz | ATMEL Corporation |
| ATR0786 | High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz | ATMEL Corporation |
| STM-2116 | 1800 - 2100 MHz High Linearity Active Transmit Mixer | SIRENZA MICRODEVICES |
| STM-2016 | 1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer | Stanford Microdevices |
| STM-1116 | 800 - 1000 MHz High Linearity Active Transmit Mixer | ETC |
| T0780 | 800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer | ATMEL Corporation |
| T0781 | 1700 - 2300 MHz High Linearity SiGe Active Receiver Mixer | ATMEL Corporation |
| SRM-2016 | 1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer | Stanford Microdevices |
| T0782 | 2200-2700 MHz High Linearity SiGe Active Receive Mixer | ATMEL Corporation |
| MAMXES0042 | E-Series Surface Mount Mixer 80 . 2500 MHz | Tyco Electronics |
Link URL |
|
|
Related keyword |
| STM-3116 Datasheet | STM-3116 Cross Reference | STM-3116 Schematic | STM-3116 Distributor | STM-3116 Datenblatt | STM-3116 RoHS |
| STM-3116 Equivalent | STM-3116 Application Notes | STM-3116 Data Sheet | STM-3116 component | STM-3116 Fiche Technique | STM-3116 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |