|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MT2RELAY - 2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 5-1462000-5 | 2 pole telecom/signal relay Through Hole Type THT Non-polarized. non-latching 1 coil | 1 2 3 4 5 More | Tyco Electronics |
| JRC-23F | LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE | 1 2 3 | List of Unclassifed Manufacturers |
| FTR-B2 | 4 POLE 2 FORM C + 2 FORM A SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FBR18 | MINIATURE RELAY SURFACE MOUNT TYPE 2 POLES-1 to 2 A FOR SIGNAL SWITCHING | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FTR-F3 | 1 POLE 3A SsLIM TYPE RELAY | 1 2 3 4 5 More | Fujitsu Component Limited. |
| RSB-12 | 2 Pole relay suitable for signal circuits | 1 2 | List of Unclassifed Manufacturers |
| MC-201RC | Coil Components Relay Headers | 1 2 3 4 | Hirose Electric |
| 0559-6200-00 | ISDN TRANSFORMERS Through Hole - Dual Package | 1 | Bel Fuse Inc. |
| TMG3D60F | TMG3D60F THROUGH HOLE / ISOLATED | 1 2 | SanRex Corporation |
| SMG8C60 | THYRISTOR Through Hole/Non-isolated | 1 2 3 | SanRex Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|