Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MPL135(9)

Featured Products and Offers


Datasheet

    MPL135 - Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise - Delta Electronics, Inc.

Page

Part No. MPL135
Description  Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
Download  MPL135 Click to view
File Size   274.98 Kbytes / 1 Pages
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VF594Wide Frequency Range Very Low Phase Jitter Wide Pullability Standard Footprint Wide Operating Temperature EMI Shielded 1 List of Unclassifed Manufacturers
AIC1742Low Noise Low Quiescent Current 150mA Linear Regulator with Noise Bypass 1 2 3 4 5 MoreAnalog Intergrations Corporation
LM2793Low Noise White LED Constant Current Supply with Dual Function Brightness Control 1 2 3 4 5 MoreNational Semiconductor
LTC32161A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control 1 2 3 4 5 MoreLinear Technology
LD2982VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION LOW ESR CAP. COMPATIBLE 1 2 3 4 5 MoreSTMicroelectronics
LD2985VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreSTMicroelectronics
UCD7230Digital Control Compatible Synchronous Buck ±4-A Drivers with Current Sense Conditioning Amplifier 1 2 3 4 5 MoreTexas Instruments
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NE661M04NPN SILICON RF TRANSISTOR FOR LOW CURRENT LOW NOISE HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD 1 2 3 4 5 MoreNEC
BUP313DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free 1 2 3 4 5 MoreSiemens Semiconductor Group

Datasheet Page

1


Link URL

Related keyword

  MPL135 Datasheet   MPL135 Cross Reference   MPL135 Schematic   MPL135 Distributor   MPL135 Datenblatt   MPL135 RoHS
  MPL135 Equivalent   MPL135 Application Notes   MPL135 Data Sheet   MPL135 component   MPL135 Fiche Technique   MPL135 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl