|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BU7812KN - Monaural audio interface with CODEC - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UDA1355H | Stereo audio codec with SPDIF interface | 1 2 3 4 5 More | NXP Semiconductors |
| PCM2900 | STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF | 1 2 3 4 5 More | Texas Instruments |
| PCM2906 | STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF | 1 2 3 4 5 More | Burr-Brown Corporation |
| PCM2901 | STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF | 1 2 3 4 5 More | Texas Instruments |
| BU7807-00KV | Stereo audio interface with CODEC | 1 2 3 4 5 | Rohm |
| CS4220 | 24-Bit Stereo Audio Codec with 3V Interface | 1 2 3 4 5 More | Cirrus Logic |
| UDA1343TT | Economy audio CODEC with features | 1 2 3 4 5 More | NXP Semiconductors |
| AK4545 | AC97 AUDIO CODEC WITH SRC AND DIT | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| PCM3000 | Stereo Audio CODEC 18-BITS SERIAL INTERFACE TM | 1 2 3 4 5 More | Burr-Brown Corporation |
| CS4223 | 24-Bit 105 dB Audio Codec with Volume Control | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|