|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ICS726T - 12 TO 36 MHZ SOT-23 VCXO - Integrated Circuit Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM2731 | 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23 | 1 2 3 4 5 More | National Semiconductor |
| ICS3727XP | LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO | 1 2 3 4 5 More | Integrated Circuit Systems |
| PI6CX100-00 | 19.44 to 40 MHz 3.3V VCXO for General Purpose Applications | 1 2 3 4 | Pericom Semiconductor Corporation |
| PI6CX100-272 | 27 MHz 3.3V VCXO | 1 2 3 4 | Pericom Semiconductor Corporation |
| PI6CX100-27 | 27 MHz 3.3V VCXO for Set-Top Box Applications | 1 2 3 4 | Pericom Semiconductor Corporation |
| ICS722 | LOW COST 27 MHZ 3.3 VOLT VCXO | 1 2 3 4 5 More | Integrated Circuit Systems |
| SI550 | VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR VCXO 10 MHZ TO 1.4 GHZ | 1 2 3 4 5 More | Silicon Laboratories |
| SI552 | DUAL FREQUENCY VCXO 10 MHZ TO 1.4 GHZ | 1 2 3 4 5 More | Silicon Laboratories |
| MK2727 | Low Cost 27 MHz VCXO | 1 2 3 4 | Integrated Circuit Systems |
| MAS9275 | IC FOR 10.00 - 36.00 MHz VCXO | 1 2 3 4 5 More | Micro Analog systems |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|