|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UM3273-3 - 3 1/2 - DIGIT MULTIPLEXED LCD ALARM CLOCK - UMC Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM8460 | ALARM CLOCK CLOCK RADIO.ETC | 1 | Sanyo Semicon Device |
| PCF1171C | 4-digit LCD car clock | 1 2 3 4 5 More | NXP Semiconductors |
| ICL7136 | 3 1/2 Digit LCD/LED Low Power Display A/D Converters with Overrange Recovery | 1 2 3 4 5 More | Intersil Corporation |
| ES5136 | 3 1/2 DIGIT A/D CONVERTER W/LCD | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MM5316 | Digital Alarm Clock | 1 2 3 4 5 | National Semiconductor |
| LM8363 | Dual - Alarm Digital Clock | 1 2 3 4 5 More | Sanyo Semicon Device |
| PCF1172C | 31/2-digit LCD car clock | 1 2 3 4 5 More | NXP Semiconductors |
| MSQC6412C | 14mm 0.56 inch Four Digit MULTIPLEX CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| DPM2 | 3 1/2 Digit Subminiature LCD Module | 1 2 | List of Unclassifed Manufacturers |
| PCF1174C | 4-digit static LCD car clock | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|