Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      NB6L11(27)    NB6L14(13)    NB6L16(20)

Featured Products and Offers


Datasheet

    NB6L16 - 2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer - ON Semiconductor

Page

 
Part No. NB6L16
Description  2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
Download  NB6L16 Click to view
File Size   117.47 Kbytes / 12 Pages
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB6L112.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR 1 2 3 4 5 MoreON Semiconductor
NBSG16M2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer 1 2 3 4 5 MoreON Semiconductor
NBSG53A2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 1 2 3 4 5 MoreON Semiconductor
NBSG142.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs 1 2 3 4 5 MoreON Semiconductor
NB4L62542.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
SY100EP14U2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX 1 2 3 4 5 MoreMicrel Semiconductor
74ALVCH165402.5V/3.3V 16-bit buffer/line driver inverting 5V input tolerant 3-State 1 2 3 4 5 MoreNXP Semiconductors
SY89834U2.5V/3.3V TWO INPUT 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
M62525FPHIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET 1 2 3 4 Mitsubishi Electric Semiconductor
CY299402.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer 1 2 3 4 5 MoreCypress Semiconductor

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12


Link URL

Related keyword

  NB6L16 Datasheet   NB6L16 Cross Reference   NB6L16 Schematic   NB6L16 Distributor   NB6L16 Datenblatt   NB6L16 RoHS
  NB6L16 Equivalent   NB6L16 Application Notes   NB6L16 Data Sheet   NB6L16 component   NB6L16 Fiche Technique   NB6L16 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl