|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SC3271F - Chroma Amplifier Transistor - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SC4061K | Chroma Amplifier Transistor 300V 0.1A | 1 2 3 4 | Rohm |
| 2SC3415S | Chroma amplifier transistor | 1 2 | Rohm |
| MPS6717 | One Watt Amplifier Transistor | 1 2 3 4 | Motorola, Inc |
| KTA1268 | EPITAXIAL PLANAR PNP TRANSISTOR LOW NOISE AMPLIFIER HIGH VOLTAGE | 1 2 | KEC(Korea Electronics) |
| MSA1022CT1 | PNP RF Amplifier Transistor Surface Mount | 1 2 3 4 | Motorola, Inc |
| KTC3192 | EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY HF VHF BAND AMPLIFIER | 1 2 3 4 | KEC(Korea Electronics) |
| KTC3878 | EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER HF VHF AMPLIFIER | 1 2 | KEC(Korea Electronics) |
| 2SC1927 | NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE | 1 2 3 4 | NEC |
| 2SC4095 | MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD | 1 2 3 4 5 More | NEC |
| MMBTA06 | EPITAXIAL PLANAR NPN TRANSISTOR DRIVER STAGE AMPLIFIER VOLTAGE AMPLIFIER | 1 | KEC(Korea Electronics) |
Datasheet Page |
1 |
Link URL |
|
|