Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33990 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33990 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33990
Download  MC33990 Download

File Size   455.12 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Enhanced Class B Serial Transceiver

MC33990 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33990 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33990
Download  MC33990 Click to download

File Size   455.12 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Enhanced Class B Serial Transceiver

MC33990 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC33990 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC33990 Product details

The 33990 is a serial transceiver designed to provide bi-directional half-duplex communication meeting the automotive SAE Standard J- 1850 Class B Data Communication Network Interface specification. It is designed to interface directly to on-board vehicle microcontrollers and serves to transmit and receive data on a single-wire bus at data rates of 10.4 kbps using Variable Pulse Width Modulation (VPWM).

Features
• Designed for SAE J-1850 Class B Data Rates
• Full Operational Bus Dynamics Over a Supply Voltage of 9.0 V to 16 V
• Ambient Operating Temperature of -40°C to 125°C
• Interfaces Directly to Standard 5.0 V CMOS Microcontroller
• BUS Pin Protected Against Shorts to Battery and Ground
• Thermal Shutdown with Hysteresis
• Voltage Waveshaping of Bus Output Driver
• Internally Reverse Battery Protected
• 40 V Max VBAT Capability
• Pb-Free Packaging Designated by Suffix Code EF




Similar Part No. - MC33990

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MC33990D FREESCALE-MC33990D Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990D/DR2 FREESCALE-MC33990D/DR2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MC33990DDR2 FREESCALE-MC33990DDR2 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
More results


Similar Description - MC33990

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com