|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3SK45 - SILICON N-CHANNEL DUAL GATE MOSFET - Hitachi Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BF980 | Silicon N-channel dual gate MOSFET | 1 2 3 | List of Unclassifed Manufacturers |
| BF980A | Silicon N-Channel dual gate MOSFET | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| 3SK317 | Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier | 1 2 3 4 5 More | Hitachi Semiconductor |
| STS8DNH3LL | DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| 3SK318 | Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier | 1 2 3 4 5 More | Hitachi Semiconductor |
| BF982 | SILICON N-CHANNEL DUAL GATE MOS-FET | 1 2 3 | List of Unclassifed Manufacturers |
| BF901 | Silicon n-channel dual gate MOS-FETs | 1 2 3 4 5 More | NXP Semiconductors |
| BF1207 | Dual N-channel dual gate MOSFET | 1 2 3 4 5 More | NXP Semiconductors |
| 3SK319 | Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier | 1 2 3 4 5 More | Hitachi Semiconductor |
| BF981 | SILICON N-CHANNEL DUAL GATE MOS-FET | 1 | NXP Semiconductors |
Datasheet Page |
1 |
Link URL |
|
|