|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
US5U30 - Small switching (-20V, -1.5A) - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| QS5U21 | Small switching -20V -1.5A | 1 2 3 4 | Rohm |
| US5U29 | Small switching -20V -1.5A | 1 2 3 4 5 | Rohm |
| QS5U23 | Small switching -20V -1.5A | 1 2 3 4 5 | Rohm |
| RTR020P02 | Switching -20V -2.0A | 1 2 3 4 5 | Rohm |
| 2SK2463 | Small switching 60V 2A | 1 2 3 4 | Rohm |
| LL4448 | SMALL SIGNAL SWITCHING DIODE | 1 2 3 | Shanghai Lunsure Electronic Tech |
| CMLT5551 | SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS | 1 2 | Central Semiconductor Corp |
| RTR030P02 | Switching -20V -3.0A | 1 2 3 4 5 | Rohm |
| 2SK2503 | Small switching 60V 5A | 1 2 3 4 | Rohm |
| KDR720S | SCHOTTKY BARRIER TYPE DIODE FOR HIGH SPEED SWITCHING CIRCUIT FOR SMALL CURRENT RECTIFICATION | 1 2 | KEC(Korea Electronics) |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|