Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV1116N Datasheet (PDF) - Sanyo Semicon Device

LV1116N Datasheet PDF - Sanyo Semicon Device
Part # LV1116N
Download  LV1116N Download

File Size   514.54 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Surround Processor ICs for Electronic Volume Control

LV1116N Datasheet (PDF)

Go To PDF Page Download Datasheet
LV1116N Datasheet PDF - Sanyo Semicon Device

Part # LV1116N
Download  LV1116N Click to download

File Size   514.54 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Surround Processor ICs for Electronic Volume Control

LV1116N Datasheet (HTML) - Sanyo Semicon Device

LV1116N Datasheet HTML 1Page - Sanyo Semicon Device LV1116N Datasheet HTML 2Page - Sanyo Semicon Device LV1116N Datasheet HTML 3Page - Sanyo Semicon Device LV1116N Datasheet HTML 4Page - Sanyo Semicon Device

LV1116N Product details

Overview

The LV1116N/NVaresound processorICs developed for use inTVsets. They incorporate the surround processingfunctionsincluding (AViSS®),pseudostereofunction, (L+R) output,and the major functional blocks ofan electronic volumecontrol IC.



Functions

• Input function SWs (stereo inputs [L, R]).

• LINEOUT pin (through output).

• Inputgain control (-6dB,-4dB, 0dB,4dB, 6dB:5 positions).

• AViSS®(ON/OFF/4-stagelevelcontrol).

• Tonecontrol (BASS: ±20dB, TREBLE: ±18dB[in 2dB steps]).

• Master volume control (0dB~-14dB:1dB steps/-14dB~-80dB:2dBsteps/-∞=-82dB).

• Balance control.

• THROUGH mode/MUTE mode.

• Pseudo stereo function (ON/OFF/MONO).

• L+R output withLPF (MUTE + 7-stage level control: 8 positions).

• I2Cbus control.




Similar Part No. - LV1116N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116NV SANYO-LV1116NV Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N_08 Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results


Similar Description - LV1116N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1117N SANYO-LV1117N Datasheet
335Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N_08 Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com