|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RTR020P02 - Switching (-20V, -2.0A) - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RTF020P02 | DC-DC Converter -20V -2.0A | 1 2 3 4 5 | Rohm |
| RTL020P02 | DC-DC Converter -20V -2.0A | 1 2 3 4 5 | Rohm |
| QS5U21 | Small switching -20V -1.5A | 1 2 3 4 | Rohm |
| US5U29 | Small switching -20V -1.5A | 1 2 3 4 5 | Rohm |
| QS5U23 | Small switching -20V -1.5A | 1 2 3 4 5 | Rohm |
| RTR030P02 | Switching -20V -3.0A | 1 2 3 4 5 | Rohm |
| US5U30 | Small switching -20V -1.5A | 1 2 3 4 5 | Rohm |
| FJX3012R | Switching Application | 1 2 3 | Fairchild Semiconductor |
| CM1000HA-24H | HIGH POWER SWITCHING USE INSULATED TYPE | 1 2 3 4 | Mitsubishi Electric Semiconductor |
| FJX4013R | Switching Application | 1 2 3 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|