|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HO4001-1 - 1000.0 MHz SAW Oscillator - RF Monolithics, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HO1079 | 1090.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1080 | 1030.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1081 | 1090.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1300 | 700.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1301 | 750.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1324 | 640.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO4002-1 | 400.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1045 | 915.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1056 | 310.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
| HO1065 | 400.0 MHz SAW Oscillator | 1 2 | RF Monolithics, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|