|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
QS6K1 - Switching (30V, 1.0A) - Rohm |
|
Click QS6K1 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2SC5730 | Medium power transistor 30V 1.0A | Rohm |
| 2SK2103 | Small switching 30V 2A | Rohm |
| RSS090N03 | Switching 30V 9A | Rohm |
| 2SK2731 | Interface and switching 30V 200mA | Rohm |
| EM6K1 | Small switching 30V 0.1A | Rohm |
| RSS065N03 | Switching 30V 6.5A | Rohm |
| RK4410 | Switching 30V 10A | Rohm |
| RSR025N03 | Switching 30V 2.5A | Rohm |
| 2SK3018 | Small switching 30V 0.1A | Rohm |
| RSS100N03 | Switching 30V กพ10A | Rohm |
Link URL |
|
|
Related keyword |
| QS6K1 Datasheet | QS6K1 Cross Reference | QS6K1 Schematic | QS6K1 Distributor | QS6K1 Datenblatt | QS6K1 RoHS |
| QS6K1 Equivalent | QS6K1 Application Notes | QS6K1 Data Sheet | QS6K1 component | QS6K1 Fiche Technique | QS6K1 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |