|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
QS5U23 - Small switching (-20V, -1.5A) - Rohm |
|
Click QS5U23 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| QS5U21 | Small switching -20V -1.5A | Rohm |
| US5U29 | Small switching -20V -1.5A | Rohm |
| US5U30 | Small switching -20V -1.5A | Rohm |
| RTR020P02 | Switching -20V -2.0A | Rohm |
| 2SK2463 | Small switching 60V 2A | Rohm |
| LL4448 | SMALL SIGNAL SWITCHING DIODE | Shanghai Lunsure Electronic Tech |
| CMLT5551 | SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS | Central Semiconductor Corp |
| RTR030P02 | Switching -20V -3.0A | Rohm |
| 2SK2503 | Small switching 60V 5A | Rohm |
| KDR720S | SCHOTTKY BARRIER TYPE DIODE FOR HIGH SPEED SWITCHING CIRCUIT FOR SMALL CURRENT RECTIFICATION | KEC(Korea Electronics) |
Link URL |
|
|
Related keyword |
| QS5U23 Datasheet | QS5U23 Cross Reference | QS5U23 Schematic | QS5U23 Distributor | QS5U23 Datenblatt | QS5U23 RoHS |
| QS5U23 Equivalent | QS5U23 Application Notes | QS5U23 Data Sheet | QS5U23 component | QS5U23 Fiche Technique | QS5U23 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |