|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
QS5U13 - Small switching (30V, 2.0A) - Rohm |
|
Click QS5U13 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| QS5U17 | Small switching 30V 2.0A | Rohm |
| QS5U12 | Small switching 30V 2.0A | Rohm |
| QS5U16 | Small switching 30V 2.0A | Rohm |
| 2SK3541 | Small switching 30V 0.1A | Rohm |
| 2SK2103 | Small switching 30V 2A | Rohm |
| 2SK3018 | Small switching 30V 0.1A | Rohm |
| EM6K1 | Small switching 30V 0.1A | Rohm |
| 2SK3019 | Small switching 30V 0.1A | Rohm |
| UM6K1N | Small switching 30V 0.1A | Rohm |
| UM5K1N | Small switching 30V 0.1A | Rohm |
Link URL |
|
|
Related keyword |
| QS5U13 Datasheet | QS5U13 Cross Reference | QS5U13 Schematic | QS5U13 Distributor | QS5U13 Datenblatt | QS5U13 RoHS |
| QS5U13 Equivalent | QS5U13 Application Notes | QS5U13 Data Sheet | QS5U13 component | QS5U13 Fiche Technique | QS5U13 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |