|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EL2242C - Dual Fast Single-Supply Unity-Gain Stable Op Amp - Elantec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EL2242D | Dual Fast Single-Supply Unity-Gain Stable Operational Amplifier | 1 | Elantec Semiconductor |
| EL2444 | Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp | 1 2 3 4 5 More | Intersil Corporation |
| EL2244C | Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp | 1 2 3 4 5 More | Elantec Semiconductor |
| AD841 | Wideband Unity-Gain Stable Fast Settling Op Amp | 1 2 3 4 5 More | Analog Devices |
| EL2243 | Dual Fast Single-Supply Decompensated Op Amp | 1 2 3 4 5 More | Elantec Semiconductor |
| EL2243D | Dual Fast Single-Supply Decompensated Op Amp | 1 | Elantec Semiconductor |
| EL2445 | Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp | 1 2 3 4 5 More | Intersil Corporation |
| CR16UD-04FP | ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP 200 THRU 800 VOLTS | 1 2 | Central Semiconductor Corp |
| 16CPF10 | 16 AMP FAST RECOVERY DUAL CENTER TAP RECTIFIERS | 1 2 3 4 | International Rectifier |
| EL2245C | Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp | 1 2 3 4 5 More | Elantec Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|