|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LA-401DN - Single Digit LED Numeric Display - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LA-301BL | Single Digit LED Numeric Display | 1 2 3 | Rohm |
| LF-301VAMA | Single Digit Surface Mount LED Numeric Display | 1 2 3 | Rohm |
| UVS-36X | 0.36 inch 9.14 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-40XXA | 0.4 inch 10.16 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-4X01 | 0.4 inch 10.0 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-51X | 0.56 inch 14.22 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-54XA | 0.52 inch 13.2 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MSA5160C | 0.5 INCH 12.7MM 16 SEGMENT SINGLE DIGIT ALPHA - NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| NTE3057 | 0.3 Single Digit Numeric Display Seven Segment Common Cathode | 1 2 3 | NTE Electronics |
| SC08-11SRWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|