Datasheet Search System
Mirror site :
alldatasheet.net,
alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name
Included
start with
end
match
Description
Shortcut :
2SD2261
(1)
2SD2263
(1)
2SD2264
(1)
2SD2266
(1)
2SD2264 - Low Frequency Transistor (20V,3A) - Rohm
Click Here View
2SD2264
Datasheet
Part No.
2SD2264
Description
Low Frequency Transistor (20V,3A)
Download
2SD2264
Click here
to View
File Size
99.21 Kbytes / 4 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SC4115S
Low
Frequency
Transistor
20V
3A
Rohm
HSD2118J
LOW
VCE
sat
TRANSISTOR
20V
5A
Hi-Sincerity Mocroelectronics
2SC4228
HIGH
FREQUENCY
LOW
NOISE
AMPLIFIER
NPN
SILICON
EPITAXIAL
TRANSISTOR
SUPER
MINI
MOLD
NEC
2SC1815L
TRANSISTOR
AUDIO
FREQUENCY
VOLTAGE
LOW
NOISE
AMPLIFIER
APPLICATIONS
Toshiba Semiconductor
UTC2SA733
LOW
FREQUENCY
AMPLIFIER
PNP
EPITAXIAL
SILICON
TRANSISTOR
Unisonic Technologies
KTC3265
EPITAXIAL
PLANAR
NPN
TRANSISTOR
LOW
FREQUENCY
POWER
AMPLIFIER
POWER
SWITCHING
KEC(Korea Electronics)
KTD545
EPITAXIAL
PLANAR
NPN
TRANSISTOR
LOW
FREQUENCY
POWER
AMP
ELECTRONIC
GOVERNOR
KEC(Korea Electronics)
TSB1386
Low
Frequency
PNP
Transistor
Taiwan Semiconductor Company, Ltd
2SC4954
HIGH
FREQUENCY
LOW
NOISE
AMPLIFIER
NPN
SILICON
EPITAXIAL
TRANSISTOR
MINI
MOLD
NEC
2SA1150
TRANSISTOR
LOW
FREQUENCY
AMPLIFIER
APPLICATIONS
Toshiba Semiconductor
Link URL :
Related keyword
2SD2264 Datasheet
2SD2264 Cross Reference
2SD2264 Schematic
2SD2264 Distributor
2SD2264 Datenblatt
2SD2264 RoHS
2SD2264 Equivalent
2SD2264 Application Notes
2SD2264 Data Sheet
2SD2264 component
2SD2264 Fiche Technique
2SD2264 Circuit
Does ALLDATASHEET.COM help your business so far?
All Rights Reserved©
Alldatasheet.com
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer