|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SD2702 - General purpose amplification (12V, 1.5A) - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SD2674 | General purpose amplification 12V 1.5A | 1 2 3 | Rohm |
| US6X7 | General purpose amplification 12V 1.5A | 1 2 3 | Rohm |
| 2SD2652 | General purpose amplification 12V 1.5A | 1 2 3 | Rohm |
| QSX7 | General purpose amplification 12V 1.5A | 1 2 3 | Rohm |
| 1N5391G | 1.5A GENERAL PURPOSE GPP DIODES | 1 2 | Leshan Radio Company |
| QST8 | General purpose amplification −12V −1.5A | 1 2 3 | Rohm |
| QSX1 | General purpose amplification 15V 6A | 1 2 3 | Rohm |
| 2SD2703 | General purpose amplification 30V 1A | 1 2 3 | Rohm |
| QSX2 | General purpose amplification 30V 5A | 1 2 3 | Rohm |
| RL151G | 1.5A GENERAL PURPOSE GPP DIODES | 1 2 | Leshan Radio Company |
Datasheet Page |
1 2 3 |
Link URL |
|
|