Datasheet Search System
Mirror site :
alldatasheet.net,
alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name
Included
start with
end
match
Description
Shortcut :
0809LD60P
(1)
0809LD60P - 60 WATT, 28V, 1 GHz LDMOS FET - ETC
Click Here View
0809LD60P
Datasheet
Part No.
0809LD60P
Description
60 WATT, 28V, 1 GHz LDMOS FET
Download
0809LD60P
Click here
to View
File Size
15.9 Kbytes / 1 Pages
Maker
ETC [ETC]
Homepage
Related Electronics Part Number
Part Number
Components Description
Manufacturer
0809LD30
30
WATT
28V
1
GHz
LDMOS
FET
ETC
0809LD30P
30
WATT
28V
1
GHz
LDMOS
FET
ETC
0809LD60
60
WATT
28V
1
GHz
LDMOS
FET
ETC
0809LD120
120
WATT
28V
1
GHz
LDMOS
FET
ETC
SLD-2083CZ
12
Watt
Discrete
LDMOS
FET
in
Ceramic
Package
SIRENZA MICRODEVICES
SLD-3091FZ
30
Watt
Discrete
LDMOS
FET
in
Ceramic
Flanged
Package
SIRENZA MICRODEVICES
SLD-1083CZ
4
Watt
Discrete
LDMOS
FET
in
Ceramic
Package
ETC
CFK2162-P3
1.8
to
2.0
GHz
+34
dBm
Power
GaAs
FET
ETC
HMC489LP5
SURFACE
MOUNT
PHEMT
1
WATT
POWER
AMPLIFIER
12
-
16
GHz
ETC
CMM1331-SM
12.7
to
13.5
GHz
1.5
Watt
Power
Amplifier
Mimix Broadband
Link URL :
Related keyword
0809LD60P Datasheet
0809LD60P Cross Reference
0809LD60P Schematic
0809LD60P Distributor
0809LD60P Datenblatt
0809LD60P RoHS
0809LD60P Equivalent
0809LD60P Application Notes
0809LD60P Data Sheet
0809LD60P component
0809LD60P Fiche Technique
0809LD60P Circuit
Does ALLDATASHEET.COM help your business so far?
All Rights Reserved©
Alldatasheet.com
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer