Datasheet Search System
Mirror site :
alldatasheet.net,
alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name
Included
start with
end
match
Description
Shortcut :
0809LD120
(1)
0809LD120 - 120 WATT, 28V, 1 GHz LDMOS FET - ETC
Click Here View
0809LD120
Datasheet
Part No.
0809LD120
Description
120 WATT, 28V, 1 GHz LDMOS FET
Download
0809LD120
Click here
to View
File Size
17.1 Kbytes / 1 Pages
Maker
ETC [ETC]
Homepage
Related Electronics Part Number
Part Number
Components Description
Manufacturer
0809LD30
30
WATT
28V
1
GHz
LDMOS
FET
ETC
0809LD30P
30
WATT
28V
1
GHz
LDMOS
FET
ETC
0809LD60
60
WATT
28V
1
GHz
LDMOS
FET
ETC
0809LD60P
60
WATT
28V
1
GHz
LDMOS
FET
ETC
SLD-2083CZ
12
Watt
Discrete
LDMOS
FET
in
Ceramic
Package
SIRENZA MICRODEVICES
SLD-3091FZ
30
Watt
Discrete
LDMOS
FET
in
Ceramic
Flanged
Package
SIRENZA MICRODEVICES
SLD-1083CZ
4
Watt
Discrete
LDMOS
FET
in
Ceramic
Package
ETC
MAPLST2122-060CF
RF
Power
Field
Effect
Transistor
LDMOS
2110
-
2170
MHz
60W
28V
Tyco Electronics
RMPA39100
37-40
GHz
1
Watt
Power
Amplifier
MMIC
Fairchild Semiconductor
CMM1331-KU
12.70
to
13.50
GHz
1.5
Watt
Power
Amplifier
ETC
Link URL :
Related keyword
0809LD120 Datasheet
0809LD120 Cross Reference
0809LD120 Schematic
0809LD120 Distributor
0809LD120 Datenblatt
0809LD120 RoHS
0809LD120 Equivalent
0809LD120 Application Notes
0809LD120 Data Sheet
0809LD120 component
0809LD120 Fiche Technique
0809LD120 Circuit
Does ALLDATASHEET.COM help your business so far?
All Rights Reserved©
Alldatasheet.com
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer